PART |
Description |
Maker |
ATMELCORP-ATTINY24A-SSN AT90CAN128-16MN AT32UC3A32 |
8-BIT, FLASH, 16 MHz, RISC MICROCONTROLLER, QCC64 32-bit AVR Microcontroller, Audio version, 256KB Flash, 144-pin, SD/SDIO Card 32-bit AVR Microcontroller, 64KB Flash, 100-pin, SD/SDIO Card, AES Crypto Module
|
ATMEL CORP Atmel, Corp.
|
0481410003 481410003 |
2.50mm (.098) Pitch, SDIO Memory Card Connector without Card Lock Pin, Reverse Mount, Stand Off Height 1.20mm (.047), supports SD/MMC Cards, Lead-Free 2.50mm (.098") Pitch, SDIO Memory Card Connector without Card Lock Pin, Reverse Mount, Stand Off Height 1.20mm (.047"), supports SD/MMC Cards, Lead-Free
|
Molex Electronics Ltd.
|
LPC3200 LPC3220FET296 LPC3240FET296 |
16/32-bit ARM microcontrollers ARM926EJ-S with 128 kB SRAM, USB High-speed OTG, SD/MMC, NAND flash controller ARM926EJ-S with 256 kB SRAM, USB High-speed OTG, SD/MMC, NAND flash controller, Ethernet
|
NXP Semiconductors N.V.
|
LPC3141FET180 |
ARM926EJ-S with 192 kB SRAM, USB High-speed OTG, SD-MMC, NAND flash controller 92kB静态随机存储器US2.0高速OTG,SD-MMC,NAND闪存控制器的ARM926EJ-S
|
NXP Semiconductors N.V.
|
5962-8766505YA 5962-8766503YA 5962-8766507UA 5962- |
Complete High-Speed CMOS, 12-Bit ADC CMOS, 8-Bit-Compatible, 12-Bit DAC CMOS 12-Bit Buffered Multiplying DACs 16-Bit Microprocessor 16位微处理
|
Electronic Theatre Controls, Inc.
|
W25X10A W25X10AVDAIZ W25X10AVSNIG W25X10AVZPIG |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
W25X40AL W25X40ALDAIZ W25X40ALSNIZ W25X40ALZPIG W2 |
1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
|
Winbond
|
AM45DL3208GNBSP AM45DL3208G |
32 Mbit (4 M x 8-Bit/2 M x 16-Bit) CMOS and 8 Megabit (1 M x 8-Bit/512 K x 16-Bit) (Preliminary) From old datasheet system
|
AMD Inc
|
AD7244AQ AD7244JN AD7244JR AD7244SQ3 AD7242BQ AD72 |
CMOS, Dual, Complete 12-Bit Serial DACPORT TM LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs DUAL, SERIAL INPUT LOADING, 2 us SETTLING TIME, 12-BIT DAC, CDIP24 LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs LC2MOS双,完整2-Bit/14-Bit串行数模转换 LC2MOS Dual/ Complete/ 12-Bit/14-Bit Serial DACs XTAL PLAS SMT 13X5 4PAD
|
Analog Devices, Inc. ANALOG DEVICES INC http://
|
MAX160-MX7574 MX7574 MAX7574TD MAX7574SQ MAX7574AQ |
Microprocessor compatible 8-bit A/D converter. Fast conversion time 15microsec. Error -3/4 LSB. Hex Schmitt-trigger Inverters 14-CFP -55 to 125 μP Compatible 8 Bit A/D Converter ヌP COMPATIBLE 8 BIT A/D CONVERTER 10 AMP MINIATURE POWER RELAY レP Compatible 8 Bit A/D Converter 1-CH 8-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, UUC18 ?? Compatible 8 Bit A/D Converter
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. Maxim Integrated Produc...
|
AM41LV3204M M410000095 M410000096 AM41LV3204MT10IT |
Stacked Multi-chip Package (MCP) 32 Mbit (4 M x 8 bit/2 M x 16-bit) Flash Memory and 4 Mbit (512K x 8-Bit/256 K x 16-Bit) Static RAM
|
SPANSION[SPANSION] AMD[Advanced Micro Devices]
|